Part Number Hot Search : 
M1501 K3115 JANTX1 4B000 SIE810DF ED1273 24771 D2263
Product Description
Full Text Search
 

To Download DTC143TEFRA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc143t series npn 100ma 50v digital transistors (bias resistor bu ilt-in transistors) datasheet ll outline parameter value vmt3 emt3f v ceo 50v i c 100ma r 1 4.7k dtc143tm dtc143teb (sc-105aa) (sc-89) emt3 umt3f ll features 1) built-in biasing resistor 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistor s with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary pnp types: dta143t series 6) complex transistors: emh3/ umh3n/ imh3a/ emg3/ umg3n/ fmg3a pnp type 7) lead free/rohs compliant. dtc143te dtc143tub sot-416(sc-75a) (sc-85) umt3 smt3 dtc143tua dtc143tka sot-323(sc-70) sot-346(sc-59) ll inner circuit b: base ll application c: collector switching circuit, inverter circuit, interface circ uit, e: emitter driver circuit ll packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dtc143tm vmt3 1212 t2l 180 8 8000 03 dtc143teb emt3f 1616 tl 180 8 3000 03 dtc143te emt3 1616 tl 180 8 3000 03 dtc143tub umt3f 2021 tl 180 8 3000 03 dtc143tua umt3 2021 t106 180 8 3000 03 dtc143tka smt3 2928 t146 180 8 3000 03 www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 1/9 20121023 - rev.001 downloaded from: http:///
dtc143t series d atasheet ll absolute maximum ratings (t a = 25c) parameter symbol values unit collector-base voltage v cbo 50 v collector-emitter voltage v ceo 50 v emitter-base voltage v ebo 5 v collector current i c 100 ma power dissipation dtc143tm p d *1 150 mw dtc143teb 150 dtc143te 150 dtc143tub 200 dtc143tua 200 dtc143tka 200 junction temperature t j 150 range of storage temperature t stg -55 to +150 ll electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. collector-base breakdown voltage bv cbo i c = 50a 50 - - v collector-emitter breakdown voltage bv ceo i c = 1ma 50 - - v emitter-base breakdown voltage bv ebo i e = 50a 5 - - v collector cut-off current i cbo v cb = 50v - - 0.5 a emitter cut-off current i ebo v eb = 4v - - 0.5 a collector-emitter saturation voltage v ce(sat) i c / i b = 5ma / 0.25ma - - 0.15 v dc current gain h fe v ce = 5v, i c = 1ma 100 250 600 - input resistance r 1 - 3.5 4.7 5.9 k transition frequency f t *2 v ce = 10v, i e = -5ma, f = 100mhz - 250 - mhz *1 each terminal mounted on a reference footprint *2 characteristics of built-in transistor www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 2/9 20121023 - rev.001 downloaded from: http:///
dtc143t series datasheet ll electrical characteristic curves(ta=25 ) fig.1 grounded emitter propagation characteristics f ig.2 grounded emitter output characteristics fig.3 dc current gain vs. collector current fig.4 co llector-emitter saturation voltage vs. collector current www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 3/9 20121023 - rev.001 downloaded from: http:///
dtc143t series datasheet ll di mensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 4/9 20121023 - rev.001 downloaded from: http:///
dtc143t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 5/9 20121023 - rev.001 downloaded from: http:///
dtc143t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 6/9 20121023 - rev.001 downloaded from: http:///
dtc143t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 7/9 20121023 - rev.001 downloaded from: http:///
dtc143t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 8/9 20121023 - rev.001 downloaded from: http:///
dtc143t series datasheet ll dimensions www.rohm.com ? 2012 rohm co., ltd. all rights reserved. 9/9 20121023 - rev.001 downloaded from: http:///
downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC143TEFRA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X